Part Number Hot Search : 
K2699 5261B LC374 250BZX 2SD1827 10N40 TSP080 00506
Product Description
Full Text Search
 

To Download BZW04-8V5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
BZW04P-5V8 --- BZW04-376
BREAKDOWN VOLTAGE: 5.8 --- 376 V PEAK PULSE POWER: 400 W
TRANSIENT VOLTAGE SUPPRESSOR
Plastic package has underwriters laboratory flam mability classification 94V-0 Glass passivated junction 400W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clam ping capability Fast response tim e: typically less than 1.0ps from 0 Volts to V(BR) for uni-directional and 5.0ns for bi-directional types Devices with V(BR) 10V ID are typically ID less than 1.0 A High temperature soldering guaranteed:265 / 10 seconds, 0.375"(9.5mm) lead length, 5lbs. (2.3kg) tension
DO-41
MECHANICAL DATA
Case:JEDEC DO--41, molded plastic body over passivated junction Term inals: axial leads, solderable per MIL-STD-750, m ethod 2026 Polarity: foruni-directional types the color band denotes the cathode, which is postitive with respect to the anode under normal TVS operation Weight: 0.012 ounces, 0.34 gram s Mounting position: any
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use add suffix letter "B" (e.g. BZW04P-6V4B). Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ambient tem perature unless otherwise specified.
SYMBOL
Peak pow er dissipation w ith a 10/1000s w aveform (NOTE 1, FIG.1) Peak pulse current w ith a 10/1000s w aveform (NOTE 1) Steady state pow er dissipation at TL=75 fffffLead lengths 0.375"(9.5mm) (NOTE 2) Peak forw ard surge current, 8.3ms single half ffffSine-wave superimposed on rated load (JEDEC Method) (NOTE 3) Maximum instantaneous forw ard voltage at 25A for unidirectional only (NOTE 4) Operating junction and storage temperature range
VALUE
Minimum 400 See table 1 1.0 40.0 3.5/6.5 -50---+175
UNIT
W A W A V
PPPM IPPM PM(AV) IFSM VF TJ, TSTG
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2 (2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm2) per Fig. 5 (3) Measured of 8.3ms single half sine-w ave or equare w ave, duty cycle=4 pulses per minute maximum (4) VF=3.5 Volt max. for devices of V(BR) 220V, and VF=5.0 Volt max. for devices of V(BR) >220V
www.galaxycn.com
Document Number 0285007
BLGALAXY ELECTRICAL
1.
ELECTRICAL CHARACTERISTICS a t(T A=25
Device type Unidirectional BZW04P5V 8 BZW04-5V 8 BZW04P6V 4 BZW04-6V 4 BZW04P7V 0 BZW04-7V 0 BZW04P7V 8 BZW04-7V 8 BZW04P8V 5 BZW04-8V 5 BZW04P9V 4 BZW04-9V 4 BZW04P10 BZW04-10 BZW04P11 BZW04-11 BZW04P13 BZW04-13 BZW04P14 BZW04-14 BZW04P15 BZW04-15 BZW04P17 BZW04-17 BZW04P19 BZW04-19 BZW04P20 BZW04-20 BZW04P23 BZW04-23 BZW04P26 BZW04-26 BZW04P28 BZW04-28 BZW04P31 BZW04-31 BZW04P33 BZW04-33 BZW04P37 BZW04-37 BZW04P40 BZW04-40 BZW04P44 BZW04-44 BZW04P48 BZW04-48 Bidirectional BZW04P5V 8B BZW04-5V 8B BZW04P6V 4B BZW04-6V 4B BZW04P7V 0B BZW04-7V 0B BZW04P7V 8B BZW04-7V 8B BZW04P8V 5B BZW04-8V 5B BZW04P9V 4B BZW04-9V 4B BZW04P10B BZW04-10B BZW04P11B BZW04-11B BZW04P13B BZW04-13B BZW04P14B BZW04-14B BZW04P15B BZW04-15B BZW04P17B BZW04-17B BZW04P19B BZW04-19B BZW04P20B BZW04-20B BZW04P23B BZW04-23B BZW04P26B BZW04-26B BZW04P28B BZW04-28B BZW04P31B BZW04-31B BZW04P33B BZW04-33B BZW04P37B BZW04-37B BZW04P40B BZW04-40B BZW04P44B BZW04-44B BZW04P48B BZW04-48B Breakdow n v oltage V (BR) (V )(NOTE1) Min 6.45 6.45 7.13 7.13 7.79 7.79 8.65 8.65 9.50 9.50 10.5 10.5 11.4 11.4 12.4 12.4 14.3 14.3 15.2 15.2 17.1 17.1 19.0 19.0 20.9 20.9 22.8 22.8 25.7 25.7 28.5 28.5 31.4 31.4 34.2 34.2 37.1 37.1 40.9 40.9 44.7 44.7 48.5 48.5 53.2 53.2 Ma x 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8
unless othe rw ise noted)
Test current at IT (mA ) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Stand-of f v oltage VWM (V ) 5.80 5.80 6.40 6.40 7.02 7.02 7.78 7.78 8.55 8.55 9.40 9.40 10.2 10.2 11.1 11.1 12.8 12.8 13.6 13.6 15.3 15.3 17.1 17.1 18.8 18.8 20.5 20.5 23.1 23.1 25.6 25.6 28.2 28.2 30.8 30.8 33.3 33.3 36.8 36.8 40.2 40.2 43.6 43.6 47.8 47.8 Maximum reverse leakge at V WM ID (NOTE3)(A ) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum peak pulse IPPM(NOTE2) (A ) 38.0 38.0 35.4 35.4 33.0 33.0 30.0 30.0 27.6 27.6 25.7 25.7 24.0 24.0 22.0 22.0 19.0 19.0 17.8 17.8 16.0 16.0 14.5 14.5 13.0 13.0 12.0 12.0 10.7 10.7 9.6 9.6 8.8 8.8 8.0 8.0 7.4 7.4 6.7 6.7 6.2 6.2 5.7 5.7 5.2 5.2 Maximum clamping v oltage at IPPM V C(V ) 10.5 10.5 11.3 11.3 12.1 12.1 13.4 13.4 14.5 14.5 15.6 15.6 16.7 16.7 18.2 18.2 21.2 21.2 22.5 22.5 25.2 25.2 27.7 27.7 30.6 30.6 33.2 33.2 37.5 37.5 41.5 41.5 45.7 45.7 49.9 49.9 53.9 53.9 59.3 59.3 64.8 64.8 70.1 70.1 77.0 77.0
TABLE 1
Maximum temperature coef f icient of V (BR) (%/ ) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.073 0.070 0.075 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
www.galaxycn.com
Document Number 0285007
BLGALAXY ELECTRICAL
2.
ELECTRICAL CHARACTERISTICS a t(TA=25
Device type Unidirectional BZW04P53 BZW04-53 BZW04P58 BZW04-58 BZW04P64 BZW04-64 BZW04P70 BZW04-70 BZW04P78 BZW04-78 BZW04P85 BZW04-85 BZW04P94 BZW04-94 BZW04P102 BZW04-102 BZW04P110 BZW04-110 BZW04P128 BZW04-128 BZW04P136 BZW04-136 BZW04P145 BZW04-145 BZW04P154 BZW04-154 BZW04P171 BZW04-171 BZW04P188 BZW04-188 BZW04P213 BZW04-213 BZW04P239 BZW04-239 BZW04P256 BZW04-256 BZW04P273 BZW04-273 BZW04P299 BZW04-299 BZW04P342 BZW04-342 BZW04P376 BZW04-376 Bidirectional BZW04P53B BZW04-53B BZW04P58B BZW04-58B BZW04P64B BZW04-64B BZW04P70B BZW04-70B BZW04P78B BZW04-78B BZW04P85B BZW04-85B BZW04P94B BZW04-94B BZW04P102B BZW04-102B BZW04P110B BZW04-110B BZW04P128B BZW04-128B BZW04P136B BZW04-136B BZW04P145B BZW04-145B BZW04P154B BZW04-154B BZW04P171B BZW04-171B BZW04P188B BZW04-188B BZW04P213B BZW04-213B BZW04P239B BZW04-239B BZW04P256B BZW04-256B BZW04P273B BZW04-273B BZW04P299B BZW04-299B BZW04P342B BZW04-342B BZW04P376B BZW04-376B 50ms. Breakdow n v oltage V (BR) (V )(NOTE1) Min 58.9 58.9 64.6 64.6 71.3 71.3 77.9 77.9 86.5 86.5 95.0 95.0 105.0 105 114 114 124 124 143 143 152 152 161 161 171 171 190 190 209 209 237 237 266 266 285 285 304 304 332 332 380 380 418 418 Ma x 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 308 294 330 315 352 336 385 368 440 420 484 462
unle ss otherw ise note d)
Test current at IT (mA ) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Stand-of f v oltage V WM (V ) 53.0 53.0 58.1 58.1 64.1 64.1 70.1 70.1 78.0 78.0 85.5 85.5 94.0 94.0 102.0 102 111 111 128 128 136 136 145 145 154 154 171 171 188 188 213 213 239 239 256 256 273 273 299 299 342 342 376 376 Maximum reverse leakge at V WM ID (NOTE3)(A ) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum peak pulse IPPM(NOTE2) (A ) 4.7 4.7 4.3 4.3 3.9 3.9 3.5 3.5 3.2 3.2 2.9 2.9 2.6 2.6 2.4 2.4 2.2 2.2 2.0 2.0 1.8 1.8 1.7 1.7 1.6 1.6 1.5 1.5 1.4 1.4 1.5 1.5 1.5 1.5 1.20 1.20 1.20 1.20 0.90 0.90 0.90 0.90 0.80 0.80
TABLE 1(Cont' d)
Maximum clamping v oltage at IPPM V C(V ) 85.0 85.0 92.0 92.0 103 103 113 113 125 125 137 137 152 152 165 165 179 179 207 207 219 219 234 234 246 246 274 274 301 301 344 344 384 384 414 414 438 438 482 482 548 548 603 603 Maximum temperature coef ficient of V (BR) (%/ ) 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
NOTE: (1) Pulse test: tp
www.galaxycn.com
(2) Surge current w avef orm per Fig. 3 and derated Fig. 2 (3) For bidirectional types having VWM of 10 volts and less, the ID limit is doubled (4) All terms and symbols are consistent w ith A NSI/IEEE C62.35
Document Number 0285007
BLGALAXY ELECTRICAL
3.
RATINGS AND CHARACTERISTIC CURVES
PEAK PULSE POWER (P PP) OR CURRENT
BZW04P-5V8 --- BZW04-376
FIG.1 -- PEAK PULSE POWER RATING CURVE
PPPM, PEAK PULSE POWER, KW
100 NON-REPETITIVE PULSE WAVEFORM SHOWN if FIG.3 TA=25 10
FIG.2 -- PULSE DERATING CURVE
DERATING IN PERCENTAGE, %
100
75
50
1.0
25
0.1 0.1|I s
1.0|I s
10|I s
100|I s
0.1ms
10ms
0
0
25
50
75
100
125
150
175
200
(IPPM)
tol, PULSE WIDTH, SEC.
FIG.3 -- PULSE WAVEFORM
150
TA, AM BIENT TEM PERATURE.
IPPM, PEAK PULSE CURRENT, %
tr=10| sec PEAK VALUE IPPM
PULES WIDTH (td) is DEFINDE as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
FIG.4 -- TYPICAL JUNCTION CAPACITANCE H HHHHHHHH HUNIDIRECTIONAL
100.000
100
HALF VALUE - IPPM 2
50
CJ, JUNCTION CAPACITANCE, Pf
sec. 10/1000| WAVEFORM as DEFINDE by R.E.A.
TJ=25 f=1.0MHZ Vsig=50mVp-p
10.000
td
0
MEASURED at ZEROBIAS
0
1.0
2.0
3.0
4.0
t, TIM m E, s PM(AV), STRADY STATE POWER
1000
FIG.5 -- STEADY STATE POWER DERATING CURVE
1.00 L=0.375"(9.5mm) LEAD LENGTHS 60 HZ RESISTIVEOR INDUCTIVE LOAD
MEASURED at STAND-OFF VOLTAGE, VWM
10 1.0
10
100
200
DISSIPATION, W
0.75
0.50
0.25
1.6 x 1.6 x .040" (40 x 40 x 1mm.) COPPER HEAT SINKS
V(BR), BREAKDOWN VOLTAGE, V
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE,
ID, INSTANTANEOUS REVERSE
IFSM, PEAK FORWARD SURGE
FIG.7 -- TYPICAL REVERSE LEAKAGE JJJJJJJJJJJJJJJJJJCHARACTERISTICS
LEAKAGE CURRENT, mA
100 MEASURED ATDEVICES STAND-OFF VOLTAGE, VWM
FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD HHHH H CURRENT UNIDIRECTIONAL ONLY SURGE
CURRENT, A
50 TJ=TJ max. 8.3ms SINGLE HALF SINE-MAVE (JEDEC METHOD)
10
40 30
1
TA=25ae
20
0.1
10
0.01 0
100
200
300
400
500
0
1
10
100
V(BR), BREAKDOWN VOLTAGE, V
NUMBER OF CYCLES AT 60 Hz
www.galaxycn.com
Document Number 0285007
BLGALAXY ELECTRICAL
4.


▲Up To Search▲   

 
Price & Availability of BZW04-8V5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X